Part Number Hot Search : 
UPD7507H 2SD2103 T8976AP 74AC24 MP5006W 2SD2103 2SD2103 AKM4550
Product Description
Full Text Search
 

To Download BCW61BR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
ISSUE 2 FEBRUARY 95 PARTMARKING DETAIL BCW61A BA BCW61B BB BCW61C BC BCW61D BD COMPLEMENTARY TYPE BCW61AR BCW61BR BCW61CR BCW61DR BCW60 CA CB CC CD
BCW61
E
C B
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Base Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IC IB PTOT Tj:Tstg VALUE -32 -32 -5 -200 -50 330 -55 to +150 UNIT V V V mA mA mW C
FOUR TERMINAL NETWORK DATA (Ic=2mA, VCE=5V, f=1kHz)
hFE Group A Min. h11e h12e h21e h22e 1.6 Typ. 2.7 1.5 200 18 30 Max. 4.5 hFE Group B Min. 2.5 Typ. 3.6 2 260 24 50 Max. 6.0 hFE GroupC Min. 3.2 Typ. 4.5 2 330 30
+VBB
hFE Group D Min. 4.5 Typ. 7.5 3 520 60
VCC(-10V)
Max. 8.5
Max. 12 k 10-4 100
S
50
R2
RL
1sec -10V tr < 5nsec Mark/Space ratio < 0.01 Zs=50 50
R1
BAY 63
tr < 5nsec Zin 100k Oscilloscope
PAGE NO
S W
BCW61
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Cut-off Current Emitter-Base Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base - Emitter Voltage SYMBOL V(BR)CEO V(BR)EBO ICES IEBO VCE(sat) VBE(sat) VBE -0.60 -0.68 -0.6 -0.12 -0.25 -0.70 -0.80 -0.55 -0.65 -0.72 140 170 200 250 270 350 340 500 180 11 6 2 6 MIN. -32 -5 -20 -20 -20 -0.25 -0.55 -0.85 -1.05 -0.75 TYP. MAX. UNIT V V nA nA V V V V V V V CONDITIONS. ICEO=-2mA IEBO=-1A VCES =-32V VCES =-32V ,Tamb=150oC VEBO =-4V IC=-10mA,IB= -0.25mA IC=-50mA, IB =-1.25mA IC =-10mA, IB=-0.25mA IC =-50mA, IB=-1.25mA IC=-10A, VCE =-5V IC=-2mA, VCE =-5V IC=-50mA, VCE =-1V IC=-10A, VCE =-5V IC=-2mA, VCE =-5V IC=-50mA, VCE =-1V IC=-10A, VCE =-5V IC=-2mA, VCE =-5V IC=-50mA, VCE =-1V IC=-10A, VCE =-5V IC=-2mA, VCE =-5V IC=-50mA, VCE =-1V IC=-10A, VCE =-5V IC=-2mA, VCE =-5V IC=-50mA, VCE =-1V MHz pF pF dB IC =10mA, VCE = -5V f = 100MHz VEBO= -0.5V,f =1MHz VCBO = -10V, f =1MHz IC =- 0.2mA, VCE =- 5V RG=2K, f=1KHz
f=200Hz
A
Static Forward Current Transfer Ratio
BCW61A BCW61B
hFE
120 60 30 180 80 40 250 100 100 380 110
220
310
BCW61C
460
BCW61D
630
Transition Frequency Emitter-Base Capacitance Collector-Base Capacitance Noise Figure
fT Cebo Ccbo N
Switching times: Delay Time Rise Time Turn-on Time Storage Time Fall Time Turn-Off Time
td tr ton ts tf toff
35 50 85 400 80 480
150 800
ns ns ns ns ns ns
-IC : -IB1 : IB2 =10:1:1mA R1=R2=5K VBB =-3.6V, RL=990
*Measured under pulsed conditions. Pulse width=300s. Duty cycle Spice parameter data is available upon request for this device


▲Up To Search▲   

 
Price & Availability of BCW61BR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X